PART |
Description |
Maker |
AMS2907CL-5.0 AMS2907-1.5 AMS2907-1.8 AMS2907-2.5 |
SWTCH ROLLER SPDT 15A SCRW TERM 500mA LOW DROPOUT VOLTAGE REGULATOR 500mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 115 Vac, Roller Lever Actuator, Solder Termination, Silver Contacts, Military Part Number M8805/1-051 Synchronous Presettable Binary Counters with Synchronous Reset 16-SOIC -55 to 125 Synchronous Presettable Binary Counters with Asynchronous Reset 16-SOIC -55 to 125 Synchronous Presettable Binary Counters with Synchronous Reset 16-PDIP -55 to 125
|
Advanced Monolithic Sys... Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
56P36-01-2-05S-F 56P36-01-2-05N-C 56P36-01-2-05S-C |
ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, THROUGH HOLE-STRAIGHT ROHS COMPLIANT ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 0.2A, 30VDC, PANEL MOUNT ROTARY SWITCH-11POSITIONS, SP11T, LATCHED, 0.2A, 30VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc. GRAYHILL INC
|
GOA74011 GOA76011 GOA70518 |
400 V single phase AC-switch 690 V single phase AC-switch 50 V single phase AC-switch
|
Green Power
|
CD40192BC CD40192BCN CD40193BCM CD40193BCN CD40192 |
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter Synchronous Up/Down Counter 同步减计数器 Automotive Catalog Single Bus Buffer Gate With 3-State Output 5-SC70 -40 to 125 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT BIDIRECTIONAL DECADE COUNTER, PDIP16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
APTGT600U120D4 |
Single Switch - IGBT Single switch Trench IGBT Power Module
|
Advanced Power Technology
|
APTGF300U60D4 |
Single Switch - IGBT Single switch NPT IGBT Power Module
|
ADPOW[Advanced Power Technology]
|
LT1952EGN-1TR LT1952EGNTR LT1952EGNPBF |
Single Switch Synchronous Forward Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 1 A SWITCHING CONTROLLER, 560 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
MAX1640 MAX1640C MAX1640D MAX1640EEE MAX1641 MAX16 |
From old datasheet system Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier Adjustable-Output / Switch-Mode Current Sources with Synchronous Rectifier
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
GS816033T-166I GS816019T-133 GS816019T-150 GS81601 |
166MHz 512K x 32 synchronous SRAM 133MHz 1M x 18 synchronous SRAM 150MHz 1M x 18 synchronous SRAM 166MHz 1M x 18 synchronous SRAM 200MHz 1M x 18 synchronous SRAM 225MHz 1M x 18 synchronous SRAM 250MHz 1M x 18 synchronous SRAM
|
GSI Technology
|
NX3V1T384GM |
Low-ohmic single-pole single-throw analog switch 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO6
|
NXP Semiconductors N.V.
|
NX3L1T384GW |
low-ohmic single-pole single-throw analog switch 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO5
|
NXP Semiconductors N.V.
|
|